|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only LED ARRAY Pb Lead-Free Parts LA244W/E-PF DATA SHEET DOC. NO : REV. DATE : QW0905-LA244W/E-PF B : 20 - Dec. - 2005 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LA244W/E-PF Page 1/5 Package Dimensions 3.0 4.0 5.0 4.2 5.2 11.70.5 4.0 2.5 1.0 0.5 TYP 21MIN 1.0MIN + - LE2043-PF 3.0 4.0 4.2 5.2 1.5MAX 25.0MIN 0.5 TYP 1.0MIN 2.54TYP + - Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without not ice. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LA244W/E-PF Page 2/5 Absolute Maximum Ratings at Ta=25 Ratings Parameter Symbol E Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Operating Temperature Storage Temperature IF IFP PD Ir Topr Tstg 30 120 100 10 -40 ~ +85 -40 ~ +100 mA mA mW UNIT A Typical Electrical & Optical Characteristics (Ta=25 ) PART NO MATERIAL Emitted COLOR Peak wave length Pnm Forward Spectral voltage halfwidth nm @20mA(V) Luminous intensity @10mA(mcd) Viewing angle 2 1/2 (deg) Lens 635 45 Min. Max. Min. Typ. 1.7 2.6 20 45 30 LA244W/E-PF GaAsP/GaP Orange Water Clear Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LA244W/E-PF Page3/5 Typical Electro-Optical Characteristics Curve E CHIP Fig.1 Forward current vs. Forward Voltage 1000 Fig.2 Relative Intensity vs. Forward Current 3.0 Forward Current(mA) 100 Relative Intensity Normalize @20mA 2.0 3.0 4.0 5.0 2.5 2.0 1.5 1.0 0.5 0.0 10 1.0 0.1 1.0 1.0 10 100 1000 Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature 1.2 Forward Current(mA) Fig.4 Relative Intensity vs. Temperature 3.0 Forward Voltage@20mA Normalize @25 Relative Intensity@20mA Normalize @25 1.1 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100 1.0 0.9 0.8 -40 -20 0 20 40 60 80 100 Ambient Temperature() Ambient Temperature() Fig.5 Relative Intensity vs. Wavelength Relative Intensity@20mA 1.0 0.5 0.0 550 600 650 700 750 Wavelength (nm) LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO.LA244W/E-PF Page 4/5 Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350C Max Soldering Time:3 Seconds Max(One Time) Distance:2mm Min(From solder joint to case) 2.Wave Soldering Profile Dip Soldering Preheat: 120C Max Preheat time: 60seconds Max Ramp-up 2 C/sec(max) Ramp-Down:-5C/sec(max) Solder Bath:260C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to case) Temp( C) 260 C3sec Max 260 5 /sec max 120 2 /sec max Preheat 60 Seconds Max 25 0 0 50 100 150 Time(sec) LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LA244W/E-PF Page 5/5 Reliability Test: Test Item Test Condition 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) Description This test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed. Reference Standard MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 Operating Life Test High Temperature Storage Test 1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under ondition of high temperature for hours. MIL-STD-883:1008 JIS C 7021: B-10 Low Temperature Storage Test 1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. JIS C 7021: B-12 High Temperature High Humidity Test 1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs The purpose of this test is the resistance of the device under tropical for hous. MIL-STD-202:103B JIS C 7021: B-11 Thermal Shock Test 1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 Solder Resistance Test 1.T.Sol=260 5 2.Dwell time= 10 1sec. MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 Solderability Test 1.T.Sol=230 5 2.Dwell time=5 1sec This test intended to see soldering well performed or not. MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 |
Price & Availability of LA244W-E-PF |